Part Number Hot Search : 
1GP016D KTA1242D KF402BV D8542V7 GRM18 TMP01GBC SI4010 AN1809
Product Description
Full Text Search
 

To Download C5915 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sC5915 no.7408-1/4 applications ? relay drivers, lamp drivers, motor drivers, inverters. features ? adoption of mbit processes. ? large current capacitance. ? low collector-to-emitter saturation voltage. ? high-speed switching. ? surface mount type. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo 120 v collector-to-emitter voltage v ces 120 v collector-to-emitter voltage v ceo 50 v emitter-to-base voltage v ebo 6v collector current i c 10 a collector current (pulse) i cp 15 a base current i b 2a collector dissipation p c 1.65 w tc=25 c25w junction temperature tj 150 c storage temperature tstg --55 to +150 c sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan ordering number : enn7408 package dimensions unit : mm 2069c [2sC5915] 13003 ts im ta-100348 npn epitaxial planar silicon transistor 1 : base 2 : collector 3 : emitter sanyo : smp-fd 10.2 1.2 2.55 2.55 2.55 2.55 4.5 0 to 0.3 0.4 1.3 9.9 3.0 2.7 1.35 8.8 1.4 1.5max 0.8 0.8 123 high-current switching applications any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. 2sC5915
2sC5915 no.7408-2/4 v r r b v cc =20v v be = --5v + + 50 input output r l 100 f 470 f pw=20 s i b1 d.c. 1% i b2 i c =20i b1 = --20i b2 =3a electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit collector cutoff current i cbo v cb =40v, i e =0 10 m a emitter cutoff current i ebo v eb =4v, i c =0 10 m a dc current gain h fe 1v ce =2v, i c =1a 200 560 h fe 2v ce =2v, i c =5a 100 gain-bandwidth product f t v ce =5v, i c =1a 200 mhz output capacitance cob v cb =10v, f=1mhz 60 pf collector-to-emitter saturation voltage v ce (sat) i c =5a, i b =250ma 180 360 mv base-to-emitter saturation voltage v be (sat) i c =5a, i b =250ma 0.93 1.4 v collector-to-base breakdown voltage v (br)cbo i c =100 m a, i e =0 120 v collector-to-emitter breakdown voltage v (br)ces i c =100 m a, r be =0 120 v collector-to-emitter breakdown voltage v (br)ceo i c =1ma, r be = 50 v emitter-to-base breakdown voltage v (br)ebo i e =100 m a, i c =0 6 v turn-on time t on see specified test circuit. 40 ns storage time t stg see specified test circuit. 1000 ns fall time t f see specified test circuit. 80 ns swicthing time test circuit it05553 it05554 it05555 0 0.2 0.4 0.6 0.8 1.0 1.2 it05556 23 57 0.1 0.01 23 57 1.0 10 23 7 5 0 10 8 6 4 2 9 7 5 3 1 0 1.0 2.0 3.0 5.0 4.0 0.5 1.5 2.5 3.5 4.5 i b =0 10ma 20ma 30ma 40ma 50ma 0 2 4 6 8 10 12 v ce =2v ta=75 c --25 c 25 c 3 0.01 0.1 2 3 5 7 5 7 1.0 2 3 5 7 ta=75 c --25 c i c / i b =20 60ma 70ma 80ma 90ma 100ma 0 5.0 4.0 3.0 2.0 1.0 4.5 3.5 2.5 1.5 0.5 0246 10 8 13579 i b =0 20ma 2ma 4ma 6ma 8ma 10ma 12ma 14ma 16ma 18ma 25 c i c -- v ce i c -- v be collector current, i c -- a base-to-emitter voltage, v be -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v i c -- v ce collector current, i c -- a collector-to-emitter voltage, v ce -- v v ce (sat) -- i c collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v
2sC5915 no.7408-3/4 10 100 1.0 0.1 27 5 32372 557 3 5 2 100 10 3 5 7 7 2 1000 3 5 7 it05562 it05563 0 20 40 60 80 100 120 140 160 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 1.65 23 5 0.1 7 1.0 23 57 10 23 57 0.01 2 0.1 1.0 2 3 5 7 3 5 7 10 2 3 5 7 2 3 1.0 10 0.1 0.01 it05558 2 1.0 0.1 2 3 5 7 10 27 5 32372 557 3 3 5 7 25?c 75?c ta= --25?c i c / i b =20 it05561 it05560 f=1mhz 7 5 3 2 1.0 10 0.1 0.01 57 23 7 5 3 2 it05557 0.01 2 0.1 1.0 3 5 7 2 3 5 7 2 i c / i b =50 ta=75?c 25?c --25?c 1.0 10 0.1 0.01 it05559 27 5 32372 557 3 3 2 10 100 2 3 5 7 1000 5 7 25?c --25?c ta=75?c v ce =2v 1.0 10 0.1 0.01 2 100 10 2 3 5 7 1000 27 5 32372 557 3 3 5 7 v ce =5v tc=25 ? c single pulse i cp =15a i c =10a dc operation 100ms 210 s 50 s 10ms 500 s 100 s 1ms it05564 0 20 40 60 80 100 120 140 160 0 5 10 15 20 25 30 v ce (sat) -- i c h fe -- i c collector current, i c -- a dc current gain, h fe collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v v be (sat) -- i c collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v f t -- i c cob -- v cb collector-to-base voltage, v cb -- v output capacitance, cob -- pf collector current, i c -- a gain-brandwidth product, f t -- mhz p c -- ta no heat sink p c -- tc a s o collector-to-emitter voltage, v ce -- v collector current, i c -- a ambient temperature, ta -- ? c collector dissipation, p c -- w case temperature, tc -- ? c collector dissipation, p c -- w
2sC5915 no.7408-4/4 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of january, 2003. specifications and information herein are subject to change without notice. ps


▲Up To Search▲   

 
Price & Availability of C5915

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X